Part Number Hot Search : 
ACT90 0602N OXUF936 A1103 SP6643 LCX020 CA3035V1 LEADFREE
Product Description
Full Text Search
 

To Download EIC7179-4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  EIC7179-4 updated 08/21/2007 7.1 0-7.90ghz 4-watt internally-matched power fet specifications are subjec t to change without notice. excelics semiconductor, inc. 310 de guigne drive, sunnyvale, ca 94085 page 1 of 4 phone: 408-737-1711 fax: 408-737-1868 web: www.excelics.com revised october 2007 features ? 7.10?7.90ghz bandwidth ? input/output impedance matched to 50 ohms ? +36.5 dbm output power at 1db compression ? 8.5 db power gain at 1db compression ? 35% power added efficiency ? -46 dbc im3 at po = 25.5 dbm scl ? 100% tested for dc, rf, and r th electrical characteristics (t a = 25 c) caution! esd sensitive device. symbol parameters/test conditions 1 min typ max units p 1db output power at 1db compression f = 7.10-7.90ghz v ds = 10 v, i dsq 1100ma 35.5 36.5 dbm g 1db gain at 1db compression f = 7.10-7.90ghz v ds = 10 v, i dsq 1100ma 7.5 8.5 db ? g gain flatness f = 7.10-7.90ghz v ds = 10 v, i dsq 1100ma 0.6 db pae power added efficiency at 1db compression v ds = 10 v, i dsq 1100ma f = 7.10-7.90ghz 35 % id 1db drain current at 1db compression f = 7.10-7.90ghz 1200 1400 ma im3 output 3rd order intermodulation distortion ? f = 10 mhz 2-tone test; pout = 25.5 dbm s.c.l 2 v ds = 10 v, i dsq 65% idss f = 7.90ghz -43 -46 dbc i dss saturated drain current v ds = 3 v, v gs = 0 v 2000 2500 ma v p pinch-off voltage v ds = 3 v, i ds = 20 ma -2.5 -4.0 v r th thermal resistance 3 5.5 6.0 o c/w note: 1. tested with 100 ohm gate resistor. 2. s.c.l. = single carrier level. 3. overall rth depends on case mounting. absolute maximum rating for efe symbols parameters absolute 1 continuous 2 vds drain-source voltage 15v 10v vgs gate-source voltage -5v -4v igf forward gate current 48ma 14.4ma igr reverse gate current -9.6ma -2.4ma pin input power 36dbm @ 3db compression tch channel temperature 175c 175c tstg storage temperature -65c to +175c -65c to +175c pt total power dissipation 25w 25w note: 1. exceeding any of the above ratings may result in permanent damage. 2. exceeding any of the above ratings may reduce mttf below design goals.
EIC7179-4 updated 08/21/2007 7.1 0-7.90ghz 4-watt internally-matched power fet specifications are subjec t to change without notice. excelics semiconductor, inc. 310 de guigne drive, sunnyvale, ca 94085 page 2 of 4 phone: 408-737-1711 fax: 408-737-1868 web: www.excelics.com revised october 2007 performance data typical s-parameters (t= 25c, 50 ? system, de-embedded to edge of package) v ds = 10 v, i dsq 1100ma freq --- s11 --- --- s21 --- --- s12 --- --- s22 --- (ghz) mag ang mag ang mag ang mag ang 6.25 0.717 -129.010 3.341 8.410 0.078 -50.550 0.258 158.370 6.50 0.616 -164.030 3.517 -25.170 0.091 -84.550 0.352 111.870 6.75 0.531 157.650 3.563 -58.82 0 0.101 -117.910 0.422 78.950 7.00 0.458 116.510 3.454 -90.850 0.107 -148.130 0.460 51.440 7.25 0.405 77.140 3.425 -121.9 30 0.114 -179.030 0.451 25.010 7.50 0.354 36.120 3.404 -154.300 0.118 149.090 0.413 -2.990 7.75 0.285 -14.050 3.372 171.75 0 0.122 117.150 0.365 -39.080 8.00 0.240 -89.650 3.238 134.430 0.125 81.280 0.329 -89.170 8.25 0.362 -167.970 2.854 95. 090 0.111 42.800 0.375 -146.450 8.50 0.557 140.990 2.268 56.400 0.091 6.000 0.480 167.620 8.75 0.698 106.670 1.652 22.050 0.068 -26.910 0.568 137.060 0 1.0 -1.0 1.0 10.0 - 1 0 . 0 1 0 . 0 5.0 - 5 . 0 5 . 0 2.0 - 2 . 0 2 . 0 3.0 - 3 . 0 3 . 0 4.0 - 4 . 0 4 . 0 0.2 - 0 . 2 0 . 2 0.4 - 0 . 4 0 . 4 0.6 - 0 . 6 0 . 6 0.8 - 0 . 8 0 . 8 0 1.0 1.0 -1.0 10.0 1 0 . 0 - 1 0 . 0 5.0 5 . 0 - 5 . 0 2.0 2 . 0 - 2 . 0 3.0 3 . 0 - 3 . 0 4.0 4 . 0 - 4 . 0 0.2 0 . 2 - 0 . 2 0.4 0 . 4 - 0 . 4 0.6 0 . 6 - 0 . 6 0.8 0 . 8 - 0 . 8 s11 and s22 swp max 8.5ghz swp min 6.5ghz s[1,1] * EIC7179-4 s[2,2] * EIC7179-4 6.5 7 7.5 8 8.5 frequency (ghz) s21 and s12 -30 -20 -10 0 10 20 s21 and s12 (db) db(|s[2,1]|) * EIC7179-4 db(|s[1,2]|) * EIC7179-4
EIC7179-4 updated 08/21/2007 7.1 0-7.90ghz 4-watt internally-matched power fet specifications are subjec t to change without notice. excelics semiconductor, inc. 310 de guigne drive, sunnyvale, ca 94085 page 3 of 4 phone: 408-737-1711 fax: 408-737-1868 web: www.excelics.com revised october 2007 power de-rating curve and im3 definition power dissipation vs. temperature 0 5 10 15 20 25 30 0 25 50 75 100 125 150 175 case temperature (c) total power dissipation (w) safe operating region potentially unsafe operating region f1 f2 (2f1-f2) f1 f2 (2f2-f1) im3 pout pin ip 3 = pout + im3/2 third-order intercept point ip3 f1 or f2 (2f2 - f1) or (2f1 - f2) pin [s.c.l.] (dbm) pout [s.c.l.] (dbm) im3 typical power data (v ds = 10 v, i dsq = 1100 ma) typical im3 data (v ds = 10 v, i dsq 65% idss ) p-1db & g-1db vs frequency 33 34 35 36 37 38 7.0 7.2 7.4 7.6 7.8 8.0 frequency (ghz) p-1db (dbm) 8 9 10 11 12 13 g-1db (db) p-1db (dbm) g-1db (db) im3 vs output power f 1 = 7.90 ghz, f2 = 7.91 ghz -60 -55 -50 -45 -40 -35 -30 -25 -20 -15 -10 20 21 22 23 24 25 26 27 28 29 30 31 32 pout [s.c.l.] (dbm) im3 (dbc ) im3 (dbc)
EIC7179-4 updated 08/21/2007 7.1 0-7.90ghz 4-watt internally-matched power fet specifications are subjec t to change without notice. excelics semiconductor, inc. 310 de guigne drive, sunnyvale, ca 94085 page 4 of 4 phone: 408-737-1711 fax: 408-737-1868 web: www.excelics.com revised october 2007 packages outline dimensions in inches, tolerance + .005 unless otherwise specified EIC7179-4 (hermetic) EIC7179-4nh (non-hermetic) yyww .827.010 .421 .004 .669 .105.008 .168.010 all dimensions in inches .125 .508.008 .442 sn .004 .063 .024 .120 min excelics .120 min all dimensions in inches sn yyww excelics caution! esd sensitive device. caution! esd sensitive device. ordering information part number packages grade 1 f test (ghz) p 1db (min) im 3 (min) 2 EIC7179-4 hermetic industrial 7.10-7.90ghz 35.5 -43 EIC7179-4nh non-hermetic industrial 7.10-7.90ghz 35.5 -43 notes: 1. contact factory for military and hi-rel grades. 2. exact test conditions are specified in ?electrical characteristics? table. disclaimer excelics semiconductor reserves the right to m ake changes without further notice to any products herein to improve reliability, function or design. excelics does not assume any liability arising out of the application or use of any product or circuit described herein. life support policy excelics semiconductor products are not authoriz ed for use as critical components in life support devices or systems without the express written approval of excelics semiconductor, inc. as here in: 1. life support devices or systems are devices or system s which, (a) are intended for surgical implant into the body, or (b) support or sustain life, or (c) whose failure to perform when properly used in accordance with instructions for use provided in the labe ling, can be reasonably expected to result in significant injury to the user. 2. a critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life suppo rt device or system, or to affect its safety or effectiveness EIC7179-4 EIC7179-4nh


▲Up To Search▲   

 
Price & Availability of EIC7179-4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X